renco electronics, inc. 595 international place, rockledge, fl 32955-4200 usa (321) 637-1000 ?toll free engineering hot line 800-645-5828 since 1955 fax: (321) 637-1600 web site:www.rencousa.com e-mail:sales@rencousa.com 137 rl-7600-1, rl-7600-2 rl-7600-3, rl-7600-4 ultra super low profile smd inductors features constructed in a rugged case to provide optimum pick and place operations. low profile. great for applications when space is at a premium. applications excellent as dc-dc converter used in notebook com- puters, pda, cell phones, step-up or step-down con- verters and flash memory. materials construction a. core: ferrite dr core b. base: lcp c. wire: enameled copper wire d. terminal: tinned copper plate e. adhesive: epoxy resin general specifications temperature rise: 20? typical at i rms 1 40? typical at i rms 2 operating temperature: -25? to +85? storage temperature: -40? to +105? resistance to solder heat: 260? for 10 seconds rated current: based on temperature & ? l/loa = 10% typical at i sat c 1 4 2 3 a a 1 b 1 b 1 4 2 3 f e d w h g i i j part number a a 1 bb 1 c d e f w g (ref) h (ref) i (ref) j (ref) rl-7600-1 5.2 5.0 6.50 5.00 1.05 0.40 3.00 4.80 0.50 4.20 2.20 0.60 0.80 0.1 0.1 +0 0.1 +0 0.1 0.1 0.1 0.1 rl-7600-2 5.2 5.0 6.50 5.00 1.25 0.40 3.00 4.80 0.50 4.20 2.20 0.60 0.80 0.1 0.1 +0 0.1 +0 0.1 0.1 0.1 0.1 rl-7600-3 5.2 5.0 6.50 5.00 1.55 0.40 3.00 4.80 0.50 4.20 2.20 0.60 0.80 0.1 0.1 +0 0.1 +0 0.1 0.1 0.1 0.1 rl-7600-4 5.2 5.0 6.50 5.00 2.55 0.40 3.00 4.80 0.50 4.20 2.20 0.60 0.80 0.1 0.1 +0 0.1 +0 0.1 0.1 0.1 0.1 mechanical dimensions (m/m) tape and reel packaging part number pieces per reel plastic reel size rl-7600-1 3,000 13 rl-7600-2 3,000 13 rl-7600-3 3,000 13 rl-7600-4 2,000 13
renco electronics, inc. 595 international place, rockledge, fl 32955-4200 usa (321) 637-1000 ?toll free engineering hot line 800-645-5828 since 1955 fax: (321) 637-1600 web site:www.rencousa.com e-mail:sales@rencousa.com 138 part inductance testing dcr irms1 irms2 isat number (h) freq (hz) ( ? ) max (a) (a) (a) rl-7600-1-2r2m 2.220% 0.1 v/ 100k 0.18 0.51 0.76 1.70 rl-7600-1-3r3m 3.320% 0.1 v/ 100k 0.22 0.46 0.69 1.50 rl-7600-1-4r7m 4.720% 0.1 v/ 100k 0.28 0.41 0.61 1.32 rl-7600-1-6r8m 6.820% 0.1 v/ 100k 0.38 0.35 0.52 1.12 rl-7600-1-100m 10.020% 0.1 v/ 100k 0.61 0.27 0.41 0.90 RL-7600-1-150M 15.020% 0.1 v/ 100k 0.82 0.24 0.35 0.73 rl-7600-1-220m 22.020% 0.1 v/ 100k 1.10 0.20 0.31 0.62 rl-7600-1-330m 33.020% 0.1 v/ 100k 1.88 0.15 0.23 0.52 rl-7600-1-470m 47.020% 0.1 v/ 100k 2.34 0.14 0.21 0.42 other non standard inductance values are available to meet your exact requirements. note: 1. inductance measured by lcr meter hp 4294/hp 4291. 2. dcr measured by milliohm meter ch 502ac. part inductance testing dcr irms1 irms2 isat number (h) freq (hz) ( ? ) max (a) (a) (a) rl-7600-2-2r2m 2.220% 0.1 v/ 100k 0.18 0.55 0.82 1.97 rl-7600-2-3r3m 3.320% 0.1 v/ 100k 0.22 0.50 0.74 1.82 rl-7600-2-4r7m 4.720% 0.1 v/ 100k 0.27 0.45 0.67 1.54 rl-7600-2-6r8m 6.820% 0.1 v/ 100k 0.37 0.38 0.57 1.30 rl-7600-2-100m 10.020% 0.1 v/ 100k 0.48 0.33 0.50 1.10 rl-7600-2-150m 15.020% 0.1 v/ 100k 0.62 0.29 0.44 0.95 rl-7600-2-220m 22.020% 0.1 v/ 100k 1.00 0.23 0.35 0.77 rl-7600-2-330m 33.020% 0.1 v/ 100k 1.40 0.19 0.29 0.60 rl-7600-2-470m 47.020% 0.1 v/ 100k 2.16 0.15 0.23 0.51 other non standard inductance values are available to meet your exact requirements. note: 1. inductance measured by lcr meter hp 4294/hp 4291. 2. dcr measured by milliohm meter ch 502ac.
renco electronics, inc. 595 international place, rockledge, fl 32955-4200 usa (321) 637-1000 ?toll free engineering hot line 800-645-5828 since 1955 fax: (321) 637-1600 web site:www.rencousa.com e-mail:sales@rencousa.com 139 part inductance testing dcr irms1 irms2 isat number (h) freq (hz) ( ? ) max (a) (a) (a) rl-7600-3-101m 100.020% 0.1 v/ 100k 3.2 0.160 0.240 0.50 rl-7600-3-151m 150.020% 0.1 v/ 100k 5.0 0.130 0.190 0.35 rl-7600-3-221m 220.020% 0.1 v/ 100k 6.5 0.115 0.170 0.30 rl-7600-3-331m 330.020% 0.1 v/ 100k 12.0 0.085 0.125 0.22 rl-7600-3-471m 470.020% 0.1 v/ 100k 22.0 0.060 0.090 0.17 rl-7600-3-631m 630.020% 0.1 v/ 100k 27.0 0.055 0.080 0.15 rl-7600-3-102m 1000.020% 0.1 v/ 100k 33.0 0.050 0.075 0.13 other non standard inductance values are available to meet your exact requirements. note: 1. inductance measured by lcr meter hp 4294/hp 4291. 2. dcr measured by milliohm meter ch 502ac. part inductance testing dcr irms1 irms2 isat number (h) freq (hz) ( ? ) max (a) (a) (a) rl-7600-4-101m 10020% 0.1 v/ 100k 1.6 0.240 0.360 0.45 rl-7600-4-151m 15020% 0.1 v/ 100k 2.5 0.190 0.290 0.35 rl-7600-4-221m 22020% 0.1 v/ 100k 3.8 0.160 0.230 0.30 rl-7600-4-331m 33020% 0.1 v/ 100k 5.9 0.130 0.190 0.25 rl-7600-4-471m 47020% 0.1 v/ 100k 7.5 0.110 0.170 0.22 rl-7600-4-681m 68020% 0.1 v/ 100k 12.0 0.090 0.130 0.18 rl-7600-4-102m 100020% 0.1 v/ 100k 20.0 0.070 0.100 0.14 rl-7600-4-152m 150020% 0.1 v/ 100k 25.0 0.060 0.090 0.12 rl-7600-4-222m 220020% 0.1 v/ 100k 45.0 0.045 0.065 0.09 rl-7600-4-332m 330020% 0.1 v/ 100k 60.0 0.040 0.060 0.08 other non standard inductance values are available to meet your exact requirements. note: 1. inductance measured by lcr meter hp 4294/hp 4291. 2. dcr measured by milliohm meter ch 502ac.
|